Part Number Hot Search : 
SPX2969 2SC5444 2SK0301P UNRL113 ON1816 CDBM120 TDA7437 1M110ZS5
Product Description
Full Text Search
 

To Download E36L351HPN272MCB7M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  u36l large can 85 c united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 10 8 u36l series the u36l series is the longest life version of the industry standard u36d specifically designed to provide the ripple current capability and long life required for high reliability inverter applications. the u36l has an endurance rating of 10,000 hours at 85 c with the rated ripple current applied. these capacitors are available with a variety of high current english or metric thread terminals. mounting options include a three-footed clamp or a bottom stud. custom designs are available upon request. large can screw terminals longest life u36 grade high ripple 350 to 500vdc ratings rohs compliant 85 c maximum temperature screw terminals: high and low post, english and metric thread. capacitance range: 1,500 to 15,000f. voltage range: 350 to 500vdc. category temperature range: 40 cto 85 c. leakage current: 0.02cv(a) or 5ma, whichever is smaller, after 5 minutes at 25 c. standard capacitance tolerance: 20% nominal case size (d l): d = 50mm (2.000) to 89mm (3.500); l = 79mm (3.125) to 220mm (8.625). rated lifetime: 10,000 hours at 85 c with rated ripple current applied. summary of specifications
u36l large can 85 c u36l specifications - screw terminals item category temperature range 40 to 85 c rated voltage range 350 to 500vdc capacitance range 1,500 to 15,000 f at 25 c, 120hz capacitance tolerance 20% ( m ) at 25 c, 120hz endurance (load life) the following specifications shall be satisfied when the capacitors are restored to 25 c after subjecting them to dc voltage for 10,000 hours at 85 c with the rated ripple current applied. the sum of the dc voltage and peak ac voltage must not exceed the full rated voltage of the capacitors. capacitance change: 20% from initial measurement esr change : 200% of initial specified limit leakage current : initial specified limit shelf life the following specifications shall be satisfied when the capacitors are restored to 25 c after exposing them for 500 hours at 85 c without voltage applied. the rated voltage shall be applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than 48 hours before the measurements. capacitance change: 20% from initial measurement esr change : 200% of initial specified limit leakage current : initial specified limit characteristics leakage current i 0.02cv ( a ) or 5ma, whichever is smaller, after 5 minutes at 25 c. where i = max. leakage current ( a ), c = nominal capacitance ( f ) and v = rated voltage ( v ) rated ripple current multipliers ambient temperature ( c) 45 c 2.82 65 c 1.73 85 c 1.00 vibration rating maximum tightening torque 10 -55hz, 10g sinusoidal in three axis, 2 hours per axis. terminal code thread size 3 threads engaged in lb n min lb n m 6 threads engaged hp hl cd cp ch ca cs 10 - 32 nf- 2b m5x0.8 - 6h m5x0.8 - 6h 1 / 4 - 28 nf- 2b 1 / 4 - 28 nf- 2b m6x1- 6h m6x1- 6h 18.0 18.0 18.0 35.0 35.0 35.0 35.0 2.0 2.0 2.0 4.0 4.0 4.0 4.0 25.0 25.0 25.0 55.0 55.0 55.0 55.0 2.8 2.8 2.8 6.2 6.2 6.2 6.2 typical inductance (nh) at 1mhz terminal code case diameter 63.5 50 76 89 hp hl cd cp ch ca cs 22 22 18 14 16 14 16 20 20 na na na na na 25 25 22 18 20 18 20 na na na 18 20 18 20 custom designs custom cv values per case size and termination type may be available upon request. contact appropriate representative with specific requirements. united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 10 9 u36l series
u36l large can 85 c u36l series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 110 large can / screw terminals diagram of dimensions - screw terminals l f j insulating sleeve vent s t insulating end disk h d unit: mm (inches) case size code ca5 cb7 cd0 ce3 d92 da5 db7 dd0 de3 dn0 e79 e92 ea5 eb7 ed0 ee3 ej0 en0 f92 fa5 fb7 fd0 fe3 ff5 fk0 fn0 50.8 (2.000) 63.5 (2.500) 76.2 (3.000) 89.0 (3.500) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 92 (3.625) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 220 (8.625) 0 79 (3.125) 0 92 (3.625) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 180 (7.125) 220 (8.625) 92 (3.625) 105 (4.125) 117 (4.625) 130 (5.125) 143 (5.625) 155 (6.125) 190 (7.500) 220 (8.625) d 2.0 (0.080) l 1.0 (0.040) 22.2 (0.875) 28.6 (1.125) 31.8 (1.250) 31.8 (1.250) f 0.25 (0.010) case dimensions terminal code hp hl cd cp ch ca cs c c d-e d-f d-f d-f d-f 0 9.5 (0.375) 0 9.5 (0.375) 0 8.5 (0.335) 0 8.7 (0.344) 11.9 (0.468) 0 8.7 (0.344) 11.9 (0.468) 6.4 (0.250) 6.4 (0.250) 5.0 (0.200) 2.4 (0.093) 6.4 (0.250) 2.4 (0.093) 6.4 (0.250) 0 8.0 (0.313) 8.0 (0.313) 13.0 (0.512) 17.5 (0.689) 17.5 (0.689) 17.5 (0.689) 17.5 (0.689) 11.1 (0.438) 11.1 (0.438) 18.8 (0.740) 50.8 (2.000) 50.8 (2.000) 63.5 ?76.2 (2.500 ?3.000) 63.5 ?89.0 (2.500 ?3.500) 63.5 ?89.0 (2.500 ?3.500) 63.5 ?89.0 (2.500 ?3.500) 63.5 ?89.0 (2.500 ?3.500) l j l j l j l j l j l j l j j 0.5 (0.020) s 0.25 (0.010) t 0.25 (0.010) available case diameter h 2.0 (0.080) terminal specifications thread size minimum thread depth 10 - 32 nf- 2b m5x0.8 - 6h m5x0.8 - 6h 1 / 4 - 28 nf- 2b 1 / 4 - 28 nf- 2b m6x1- 6h m6x1- 6h d code d mm (inches)
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 111 u36l series u36l large can 85 c type c: clamp dimensions type c: three-footed clamp type s: stud mounting clamp: zinc with silver trivalent chromate post treatment. hardware: screw, washer and hexagon nut included with each clamp. g 1.0 (0.040) j 0.5 (0.020) k 0.5 (0.020) r 1.0 (0.040) s 1.0 (0.040) t 0.5 (0.020) 13.3 (0.524) 13.3 (0.524) 13.3 (0.524) 16.0 (0.630) 4.5 (0.177) 4.5 (0.177) 4.5 (0.177) 4.5 (0.177) 7.1 (0.280) 7.1 (0.280) 7.1 (0.280) 8.0 (0.313) 19.1 (0.751) 19.1 (0.751) 19.1 (0.751) 21.0 (0.827) 9.5 (0.374) 9.5 (0.374) 9.5 (0.374) 9.0 (0.354) 0.8 (0.032) 0.8 (0.032) 1.0 (0.040) 1.0 (0.040) a 1.0 (0.040) b 1.0 (0.040) case d mounting code 50.8 (2.000) 63.5 (2.500) 76.2 (3.000) 89.0 (3.500) c c c c 31.8 (1.250) 38.1 (1.500) 44.5 (1.750) 50.8 (2.000) 36.5 (1.437) 42.9 (1.689) 49.2 (1.937) 56.5 (2.224) mounting hardware - screw terminals unit: mm (inches) 360 3 30 45 5 15 d 5.1 0.5 (2 holes) (0.201 0.020) j g k ab r s t note: type b two-footed clamp available upon request for 50.8, 63.5 and 76.2. consult ucc for specifications. p t mn r d q k type s: stud mounting dimensions n 1.0 (0.040) k 2.0 (0.080) q 1.0 (0.040) r 1.0 (0.040) 18.0 (0.709) 30.0 (1.181) 22.0 (0.866) 1.40 (0.055) t thread size m 1.0 (0.040) p 1.0 (0.040) mounting code 16.0 (0.630) s m12 19.0 (0.748)
u36l series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 112 u36l large can 85 c supplement code. field 18. c = pet insulation with end disk. f = coated can. m = pb-free pvc insulation with end disk. case size. fields 15, 16 and 17. the single letter diameter code is inserted in field 15. c= 50.8mm ( 2.000) d= 63.5mm ( 2.500) e= 76.2mm ( 3.000) f= 89mm ( 3.500) the double character length code is inserted in fields 16 and 17. for lengths 99mm, insert the actual length rounded to nearest millimeter. for lengths of 100mm or more, insert the appropriate alpha numeric code as indicated below. 79 = 79mm (3.125) 92 = 92mm (3.625) a5 = 105mm (4.125) b7 = 117mm (4.625) d0 = 130mm (5.125) e3 = 143mm (5.625) f5 = 155mm (6.125) j0 = 180mm (7.125) k0 = 190mm (7.500) n0= 220mm (8.625) capacitance tolerance. field 14. m= 20% capacitance. fields 11, 12 and 13. expressed in microfarads. the first two digits are significant figures inserted in fields 11 and 12, and the third digit inserted in field 13 indicates the number of zeros for capacitance of 10 f or more. r indicates the decimal point for capacitance less than 10 f (e.g. 3r3 = 3.3 f; 330 = 33 f; 331 = 330 f; 332 = 3,300 f; 333 = 33,000 f). mounting hardware. field 10. n = none. b = two-footed clamp. c = three-footed clamp. s = stud mount. terminal type. fields 8 and 9. hp = high post 10-32 nf- 2b screw thread. hl = high post m5x0.8 screw thread. cd = ute m5x0.8 screw thread. cp = low post 1 / 4 -28 nf-2b screw thread. ch = high post 1 / 4 -28 nf-2b screw thread. ca = low post m6x1 screw thread. cs = high post m6x1 screw thread. dc rated voltage. fields 5, 6 and 7. expressed in volts. the first two digits are significant figures inserted in fields 5 and 6, and the third digit inserted in field 7 indicates the number of zeros for rated voltage of 10vdc or more. r indicates the decimal point for rated voltage less than 10vdc (e.g. 4r0 = 4.0vdc; 400 = 40vdc; 401 = 400vdc). series name. fields 2, 3 and 4. enter the 3-letter/digit series name in fields 2, 3 and 4. if the series name is only 2 letters/digits, place a dash in field 4. for a series name with more than 3 letters/digits, refer to the individual series for the appropriate 3-field series name. capacitor type. field 1. aluminum electrolytic capacitor (polar). part numbering system for u36l series when ordering, always specify complete 18-field global part number. e 3 6l 4 01 cp s 332 m e a5 m 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 18 9 8 7 6 5 4 3 2 1 18 fields
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 113 u36l series u36l large can 85 c ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l ( mm ) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c 120hz 300hz > 3khz 350 volts 400 volts surge 2,200 e36l351hpn222mca5m 50 105 ca5 45 8.8 10.6 12.3 2,700 E36L351HPN272MCB7M 50 117 cb7 37 9.6 11.5 13.4 3,300 e36l351hpn332mce3m 50 143 ce3 30 11.6 13.9 16.2 2,200 e36l351cpn222md92m 63.5 92 d92 45 8.8 10.6 12.3 2,200 e36l351cpn222mda5m 63.5 105 da5 39 10.0 13.0 15.1 2,700 e36l351cpn272mda5m 63.5 105 da5 37 9.6 11.5 13.4 2,700 e36l351cpn272mdd0m 63.5 130 dd0 32 11.8 15.4 17.7 3,300 e36l351cpn332mdb7m 63.5 117 db7 30 11.6 13.9 16.2 3,300 e36l351cpn332mde3m 63.5 143 de3 26 13.8 17.9 20.7 3,900 e36l351cpn392mdd0m 63.5 130 dd0 26 13.0 16.4 19.1 4,700 e36l351cpn472mde3m 63.5 143 de3 21 15.1 18.1 21.2 5,600 e36l351cpn562mdn0m 63.5 220 dn0 15 21.5 28.0 32.3 6,800 e36l351cpn682mdn0m 63.5 220 dn0 15 20.8 24.9 29.1 2,200 e36l351cpn222me79m 76 79 e79 39 10.0 13.0 15.1 2,700 e36l351cpn272me92m 76 92 e92 32 11.8 15.4 17.7 3,300 e36l351cpn332mea5m 76 105 ea5 26 13.8 17.9 20.7 3,900 e36l351cpn392me92m 76 92 e92 26 13.0 16.4 19.1 3,900 e36l351cpn392meb7m 76 117 eb7 22 15.6 20.2 23.3 4,700 e36l351cpn472mea5m 76 105 ea5 21 15.1 18.1 21.2 4,700 e36l351cpn472mee3m 76 143 ee3 18 18.0 23.4 27.0 5,600 e36l351cpn562meb7m 76 117 eb7 18 17.3 20.8 24.3 6,800 e36l351cpn682mee3m 76 143 ee3 15 20.8 24.9 29.1 6,800 e36l351cpn682mej0m 76 180 ej0 13 24.7 32.1 37.0 8,200 e36l351cpn822mej0m 76 180 ej0 12 23.9 28.7 33.5 8,200 e36l351cpn822men0m 76 220 en0 11 28.1 36.6 42.2 10,000 e36l351cpn103men0m 76 220 en0 10 28.5 34.2 39.9 3,900 e36l351cpn392mf92m 89 92 f92 22 15.6 20.2 23.3 4,700 e36l351cpn472mfa5m 89 105 fa5 18 18.0 23.4 27.0 5,600 e36l351cpn562mfa5m 89 105 fa5 18 17.3 20.8 24.3 5,600 e36l351cpn562mfd0m 89 130 fd0 15 21.5 28.0 32.3 6,800 e36l351cpn682mfe3m 89 143 fe3 13 24.7 32.1 37.0 8,200 e36l351cpn822mfd0m 89 130 fd0 12 23.9 28.7 33.5 8,200 e36l351cpn822mff5m 89 155 ff5 11 28.1 36.6 42.2 10,000 e36l351cpn103mff5m 89 155 ff5 10 28.5 34.2 39.9 10,000 e36l351cpn103mfk0m 89 190 fk0 9 34.0 44.2 51.0 12,000 e36l351cpn123mfk0m 89 190 fk0 8 34.2 41.0 47.9 15,000 e36l351cpn153mfn0m 89 220 fn0 7 40.7 48.9 57.0 400 volts 450 volts surge 1,800 e36l401hpn182mca5m 50 105 ca5 56 7.4 8.9 10.4 1,800 e36l401hpn182mce3m 50 143 ce3 48 8.9 10.7 12.5 2,200 e36l401hpn222mcd0m 50 130 cd0 39 10.7 12.8 14.9 1,800 e36l401cpn182md92m 63.5 92 d92 56 7.4 8.9 10.4 1,800 e36l401cpn182mdb7m 63.5 117 db7 48 8.9 10.7 12.5 2,200 e36l401cpn222mda5m 63.5 105 da5 45 9.1 10.3 12.7 2,200 e36l401cpn222mdd0m 63.5 130 dd0 39 10.7 12.8 14.9 2,700 e36l401cpn272mdb7m 63.5 117 db7 37 10.9 13.0 15.2 2,700 e36l401cpn272mde3m 63.5 143 de3 32 12.5 15.0 17.5 3,300 e36l401cpn332mdd0m 63.5 130 dd0 30 12.6 15.1 17.6 2,200 e36l401cpn222me92m 76 92 e92 39 10.7 12.8 14.9 2,700 e36l401cpn272me92m 76 92 e92 37 10.9 13.0 15.2 2,700 e36l401cpn272mea5m 76 105 ea5 32 12.5 15.0 17.5 3,300 e36l401cpn332mea5m 76 105 ea5 30 12.6 15.1 17.6 3,300 e36l401cpn332meb7m 76 117 eb7 26 14.5 17.4 20.3 3,900 e36l401cpn392meb7m 76 117 eb7 26 14.3 17.1 20.0 3,900 e36l401cpn392med0m 76 130 ed0 22 16.4 19.7 23.0 4,700 e36l401cpn472med0m 76 130 ed0 21 16.5 19.8 23.1 4,700 e36l401cpn472mee3m 76 143 ee3 18 18.8 22.6 26.3 5,600 e36l401cpn562mee3m 76 143 ee3 18 18.9 22.6 26.4 5,600 e36l401cpn562mej0m 76 180 ej0 15 22.8 27.4 32.0
u36l series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 114 u36l large can 85 c standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l ( mm ) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c 120hz 300hz > 3khz 400 volts 450 volts surge 6,800 e36l401cpn682mej0m 76 180 ej0 15 21.8 26.1 30.5 6,800 e36l401cpn682men0m 76 220 en0 13 24.7 29.6 34.6 8,200 e36l401cpn822men0m 76 220 en0 12 24.9 29.9 34.9 3,300 e36l401cpn332mf92m 89 92 f92 26 14.5 17.4 20.3 3,900 e36l401cpn392mf92m 89 92 f92 26 14.3 17.1 20.0 3,900 e36l401cpn392mfa5m 89 105 fa5 22 16.4 19.7 23.0 4,700 e36l401cpn472mfa5m 89 105 fa5 21 16.5 19.8 23.1 4,700 e36l401cpn472mfd0m 89 130 fd0 18 18.8 22.6 26.3 5,600 e36l401cpn562mfb7m 89 117 fb7 18 18.9 22.6 26.4 6,800 e36l401cpn682mfd0m 89 130 fd0 15 21.8 26.1 30.5 6,800 e36l401cpn682mfe3m 89 143 fe3 13 24.7 29.6 34.6 8,200 e36l401cpn822mfe3m 89 143 fe3 12 24.9 29.9 34.9 8,200 e36l401cpn822mfk0m 89 190 fk0 11 30.8 36.9 43.1 10,000 e36l401cpn103mfk0m 89 190 fk0 10 31.2 37.5 43.7 10,000 e36l401cpn103mfn0m 89 220 fn0 9 36.2 43.4 50.7 12,000 e36l401cpn123mfn0m 89 220 fn0 8 36.4 43.7 51.0 420 volts 470 volts surge 1,800 e36l421hpn182mcb7m 50 117 cb7 74 7.7 9.3 10.8 1,800 e36l421hpn182mce3m 50 143 ce3 63 9.2 11.0 12.8 2,200 e36l421hpn222mce3m 50 143 ce3 61 9.2 11.0 12.8 1,800 e36l421cpn182mda5m 63.5 105 da5 74 7.7 9.3 10.8 2,200 e36l421cpn222mda5m 63.5 105 da5 61 9.2 11.0 12.8 2,200 e36l421cpn222mde3m 63.5 143 de3 52 11.1 13.3 15.5 2,700 e36l421cpn272mdd0m 63.5 130 dd0 49 10.7 12.8 15.0 3,300 e36l421cpn332mde3m 63.5 143 de3 40 12.5 15.0 17.5 5,600 e36l421cpn562mdn0m 63.5 220 dn0 24 19.5 23.4 27.3 1,800 e36l421cpn182me92m 76 92 e92 63 9.2 11.0 12.8 2,200 e36l421cpn222mea5m 76 105 ea5 52 11.1 13.3 15.5 2,700 e36l421cpn272me92m 76 92 e92 49 10.7 12.8 15.0 2,700 e36l421cpn272meb7m 76 117 eb7 42 12.7 15.3 17.8 3,300 e36l421cpn332mea5m 76 105 ea5 40 12.5 15.0 17.5 3,300 e36l421cpn332med0m 76 130 ed0 34 14.8 17.8 20.7 3,900 e36l421cpn392meb7m 76 117 eb7 34 14.1 16.9 19.7 3,900 e36l421cpn392mee3m 76 143 ee3 29 16.8 20.2 23.6 4,700 e36l421cpn472mee3m 76 143 ee3 28 16.3 19.5 22.8 4,700 e36l421cpn472mej0m 76 180 ej0 24 20.2 24.2 28.2 5,600 e36l421cpn562men0m 76 220 en0 20 22.8 27.4 32.0 6,800 e36l421cpn682mej0m 76 180 ej0 20 22.3 26.8 31.3 8,200 e36l421cpn822men0m 76 220 en0 16 25.4 30.5 35.6 2,700 e36l421cpn272mf92m 89 92 f92 42 12.7 15.3 17.8 3,300 e36l421cpn332mfa5m 89 105 fa5 34 14.8 17.8 20.7 3,900 e36l421cpn392mf92m 89 92 f92 34 14.1 16.9 19.7 3,900 e36l421cpn392mfb7m 89 117 fb7 29 16.8 20.2 23.6 4,700 e36l421cpn472mfa5m 89 105 fa5 28 16.3 19.5 22.8 4,700 e36l421cpn472mfe3m 89 143 fe3 24 20.2 24.2 28.2 5,600 e36l421cpn562mfd0m 89 130 fd0 24 19.5 23.4 27.3 5,600 e36l421cpn562mff5m 89 155 ff5 20 22.8 27.4 32.0 6,800 e36l421cpn682mfe3m 89 143 fe3 20 22.3 26.8 31.3 6,800 e36l421cpn682mfk0m 89 190 fk0 17 27.5 33.0 38.5 8,200 e36l421cpn822mff5m 89 155 ff5 16 25.4 30.5 35.6 8,200 e36l421cpn822mfn0m 89 220 fn0 14 32.2 38.6 45.1 10,000 e36l421cpn103mfk0m 89 190 fk0 13 30.7 36.9 43.0 12,000 e36l421cpn123mfn0m 89 220 fn0 11 35.9 43.0 50.2 450 volts 500 volts surge 1,500 e36l451hpn152mcb7m 50 117 cb7 89 7.0 8.4 9.9 1,500 e36l451hpn152mce3m 50 143 ce3 76 8.4 10.0 11.7 1,800 e36l451hpn182mcd0m 50 130 cd0 74 8.1 9.7 11.3 1,500 e36l451cpn152md92m 63.5 92 d92 89 7.0 8.4 9.9 1,500 e36l451cpn152mdb7m 63.5 117 db7 76 8.4 10.0 11.7 ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications.
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 115 u36l series u36l large can 85 c ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l ( mm ) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c 120hz 300hz > 3khz 450 volts 500 volts surge 1,800 e36l451cpn182mda5m 63.5 105 da5 74 8.1 9.7 11.3 1,800 e36l451cpn182mdd0m 63.5 130 dd0 63 9.5 11.4 13.3 2,200 e36l451cpn222mdb7m 63.5 117 db7 61 9.6 11.6 13.5 2,200 e36l451cpn222mde3m 63.5 143 de3 52 11.1 13.3 15.5 2,700 e36l451cpn272mde3m 63.5 143 de3 49 11.3 13.5 15.8 1,800 e36l451cpn182me92m 76 92 e92 63 9.5 11.4 13.3 2,200 e36l451cpn222me92m 76 92 e92 61 9.6 11.6 13.5 2,200 e36l451cpn222mea5m 76 105 ea5 52 11.1 13.3 15.5 2,700 e36l451cpn272mea5m 76 105 ea5 49 11.3 13.5 15.8 2,700 e36l451cpn272med0m 76 130 ed0 42 13.4 16.1 18.8 3,300 e36l451cpn332meb7m 76 117 eb7 40 13.1 15.7 18.3 3,300 e36l451cpn332mee3m 76 143 ee3 34 15.5 18.6 21.7 3,900 e36l451cpn392med0m 76 130 ed0 34 14.8 17.8 20.8 3,900 e36l451cpn392mej0m 76 180 ej0 29 17.6 21.2 24.7 4,700 e36l451cpn472mee3m 76 143 ee3 28 17.0 20.4 23.8 4,700 e36l451cpn472men0m 76 220 en0 24 20.9 25.1 29.3 5,600 e36l451cpn562mej0m 76 180 ej0 24 19.5 23.4 27.3 6,800 e36l451cpn682men0m 76 220 en0 20 23.2 27.8 32.4 2,700 e36l451cpn272mfa5m 89 105 fa5 42 13.4 16.1 18.8 3,300 e36l451cpn332mf92m 89 92 f92 40 13.1 15.7 18.3 3,300 e36l451cpn332mfb7m 89 117 fb7 34 15.5 18.6 21.7 3,900 e36l451cpn392mfa5m 89 105 fa5 34 14.8 17.8 20.8 3,900 e36l451cpn392mfd0m 89 130 fd0 29 17.6 21.2 24.7 4,700 e36l451cpn472mfb7m 89 117 fb7 28 17.0 20.4 23.8 4,700 e36l451cpn472mff5m 89 155 ff5 24 20.9 25.1 29.3 5,600 e36l451cpn562mfd0m 89 130 fd0 24 19.5 23.4 27.3 5,600 e36l451cpn562mfk0m 89 190 fk0 20 25.0 30.0 35.0 6,800 e36l451cpn682mff5m 89 155 ff5 20 23.2 27.8 32.4 6,800 e36l451cpn682mfn0m 89 220 fn0 17 29.3 35.2 41.0 8,200 e36l451cpn822mfk0m 89 190 fk0 16 27.8 33.4 39.0 10,000 e36l451cpn103mfn0m 89 220 fn0 13 32.7 39.3 45.8 500 volts 550 volts surge 1,500 e36l501hpn152mce3m 50 143 ce3 107 6.7 8.0 9.4 1,500 e36l501cpn152md92m 63.5 92 d92 107 6.7 8.0 9.4 1,500 e36l501cpn152mdb7m 63.5 117 db7 93 8.0 9.6 11.2 1,800 e36l501cpn182mda5m 63.5 105 da5 89 7.7 9.2 10.7 1,800 e36l501cpn182mde3m 63.5 143 de3 78 9.2 11.1 12.9 2,200 e36l501cpn222mdb7m 63.5 117 db7 63 9.0 10.8 12.6 2,700 e36l501cpn272mde3m 63.5 143 de3 59 10.5 12.6 14.7 1,500 e36l501cpn152me92m 76 92 e92 93 8.0 9.6 11.2 1,800 e36l501cpn182me79m 76 79 e79 89 7.7 9.2 10.7 1,800 e36l501cpn182mea5m 76 105 ea5 78 9.2 11.1 12.9 2,200 e36l501cpn222me92m 76 92 e92 63 9.0 10.8 12.6 2,200 e36l501cpn222meb7m 76 117 eb7 74 10.7 12.8 15.0 2,700 e36l501cpn272mea5m 76 105 ea5 59 10.5 12.6 14.7 2,700 e36l501cpn272mee3m 76 143 ee3 52 12.3 14.8 17.3 3,300 e36l501cpn332meb7m 76 117 eb7 48 12.2 14.6 17.1 3,300 e36l501cpn332mej0m 76 180 ej0 42 14.9 17.9 20.9 3,900 e36l501cpn392mee3m 76 143 ee3 41 13.8 16.6 19.3 4,700 e36l501cpn472mej0m 76 180 ej0 34 16.6 19.9 23.3 4,700 e36l501cpn472men0m 76 220 en0 30 20.6 24.8 28.9 6,800 e36l501cpn682men0m 76 220 en0 24 21.6 25.9 30.2 2,200 e36l501cpn222mf92m 89 92 f92 74 10.7 12.8 15.0 2,700 e36l501cpn272mfa5m 89 105 fa5 52 12.3 14.8 17.3 3,300 e36l501cpn332mf92m 89 92 f92 48 12.2 14.6 17.1 3,300 e36l501cpn332mfd0m 89 130 fd0 42 14.9 17.9 20.9 3,900 e36l501cpn392mfa5m 89 105 fa5 41 13.8 16.6 19.3 3,900 e36l501cpn392mff5m 89 155 ff5 36 17.5 21.1 24.6 4,700 e36l501cpn472mfd0m 89 130 fd0 34 16.6 19.9 23.3
u36l series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 116 u36l large can 85 c ? for terminal, mounting and construction options, refer to the part numbering system for descriptions and codes. * refer to diagram of dimensions for detailed case size specifications. standard voltage ratings - screw terminals rated voltage (wvdc) capacitance (f) case size code global part number ? nominal case size* d l ( mm ) maximum esr (m ) at 25 c, 120hz rated ripple current (a rms) at 85 c 120hz 300hz > 3khz 500 volts 550 volts surge 5,600 e36l501cpn562mfe3m 89 143 fe3 29 18.9 22.7 26.4 5,600 e36l501cpn562mfk0m 89 190 fk0 25 23.0 27.6 32.2 6,800 e36l501cpn682mff5m 89 155 ff5 24 21.6 25.9 30.2 6,800 e36l501cpn682mfn0m 89 220 fn0 21 27.0 32.4 37.8 8,200 e36l501cpn822mfk0m 89 190 fk0 20 25.9 31.1 36.3 10,000 e36l501cpn103mfn0m 89 220 fn0 16 30.5 36.6 42.7


▲Up To Search▲   

 
Price & Availability of E36L351HPN272MCB7M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X